PART |
Description |
Maker |
DR758 DR750 DR751 DR7510 DR752 DR754 DR756 |
6.0A, 800V ultra fast recovery rectifier 6.0A, 400V ultra fast recovery rectifier 6.0A, 200V ultra fast recovery rectifier Passivated Rectifier 50 - 1000 Volts 6 Amp Glass 6 A, 1000 V, SILICON, RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
CMR3U-01M CMR3U-10M CMR3U-02M CMR3U-04M CMR3U-06M |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS SMD Ultra Fast Rectifier Single
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
UFS520 UFS510 UFS515 UFS510G UFS505J UFS520J |
100 V power Schottky rectifier 5 A, 100 V, SILICON, RECTIFIER DIODE, DO-215AB ULTRA FAST RECOVERY RECTIFIERS Ultra Fast Rectifier (less than 100ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
UFT2060 UFT2070 UFT2080 MICROSEMICORP-SCOTTSDALE-U |
ULTRA FAST RECOVERY RECTIFIERS 10 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB Ultra Fast Rectifier (less than 100ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
FFP30U60DN FFP30U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 30 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AB ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FFPF20U60 FFPF20U60S FFPF20U60STU |
20A/600V Ultra Fast Recovery Rectifier RECTIFIER DIODE,600V V(RRM),TO-220AC From old datasheet system ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
1N5812R 1N5816R 1N5816 1N5812 1N5813 1N5814 1N5814 |
Ultra Fast Rectifier (less than 100ns) ULTRA FAST RECOVERY RECTIFIERS FAST RECOVERY POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|
OM5234ST OM5203DT OM5203RT OM5203ST OM5233DT OM523 |
16 Amp, 50 To 600 Volts, 35 To 50 ns trr 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 600V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 200V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 50V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a TO-257AA package Center-Tapped Positive (CC) HS Rectifier From old datasheet system HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 400V 16A Hi-Rel Ultra-Fast Common Cathode Diode in a D2 package 8 A, SILICON, RECTIFIER DIODE, TO-257AA HERMETIC SEALED, METAL, TO-257AA, 3 PIN
|
List of Unclassifed Manufac... International Rectifier List of Unclassifed Manufacturers Omnirel Corp ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
UFG120 UFG110 UFG115 |
Ultra Fast Rectifier (less than 100ns) ULTRA FAST RECOVERY RECTIFIER
|
MICROSEMI[Microsemi Corporation]
|